PART |
Description |
Maker |
TA0304A |
SAW Filter 1220MHz SMD 3.0隆驴3.0mm SAW Filter 1220MHz SMD 3.0×3.0mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
AFS2442.0S4 |
SMD 2442MHz SAW FILTER 1 FUNCTIONS, 2442 MHz, SAW FILTER
|
Abracon, Corp. ABRACON[Abracon Corporation]
|
AL1000-M5 AW1000-M5 AR5060-06 AW1000-M5D AR2000-01 |
锛?ILTER 1锛??锛?/span> "FILTER 1/4"" "FILTER 3/4"" "FILTER 1/8"" "FILTER 1/2"" "FILTER 3/8"" Microprocessor-Controlled Battery Management System "FILTER 1"" FILTER M5 BRACKET 5000/6000 FILTER REGULATOR 1/4 FILTER REGULATOR 1/2 FILTER REGULATOR 1/8 FILTER REGULATOR 3/8 "REGULATOR 1"" "REGULATOR 3/8"" LUBRICATOR 3/8 LUBRICATOR 1/8 Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C "REGULATOR 1/2"" "REGULATOR 1/8"" "REGULATOR 3/4"" FILTER REGULATOR M5 LUBRICATOR M5 锛?EGULATOR 3/8锛??锛?/span>
|
|
IP4352CX24/LF135 |
9-channel SD-memory card interface filter with ESD protection to IEC 61000-4-2 level 4, NAX000, Reel Pack, SMD, Large 9 FUNCTIONS, 5 V, DATA LINE FILTER
|
NXP Semiconductors N.V.
|
TB0221A |
SAW IF Filter 374MHz (SMD 3.8隆驴3.8 mm) SAW IF Filter 374MHz (SMD 3.8×3.8 mm)
|
TAI-SAW TECHNOLOGY CO., LTD. TAI-SAW TECHNOLOGY CO.,...
|
AFS418S3 |
FILTER SAW 418.000MHZ SMD 1 FUNCTIONS, 418 MHz, SAW FILTER
|
Abracon, Corp.
|
TA0528A |
SAW Filter 1615MHz SMD 3.0隆驴3.0mm SAW Filter 1615MHz SMD 3.0×3.0mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0341A |
SAW Filter 611MHz SMD 7.0隆驴5.0mm SAW Filter 611MHz SMD 7.0×5.0mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0450A |
SAW Filter 802MHz SMD 3.8隆驴3.8mm SAW Filter 802MHz SMD 3.8×3.8mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TB0649A |
SAW Filter 255MHz 90 MHz BW (SMD 5隆驴5 mm) SAW Filter 255MHz 90 MHz BW (SMD 5×5 mm)
|
TAI-SAW TECHNOLOGY CO., LTD.
|